Part Number Hot Search : 
MT8963 035CT 93LC4 28F800 MA150 T138AF C5750 RM21B
Product Description
Full Text Search
 

To Download DDTC144EUA-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30321 rev. 6 - 2 1 of 3 ddtc (r1 = r2 series) ua www.diodes.com  diodes incorporated ddtc (r1 = r2 series) ua npn pre-biased small signal sot-323 surface mount transistor  epitaxial planar die construction  complementary pnp types available (ddta)  built-in biasing resistors, r1 = r2  available in lead free/rohs compliant version (note 2) characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua v in -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 v output current ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua i o 100 100 50 30 100 20 ma output current all i c (max) 100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l f d b c h k g in gnd out mechanical data  case: sot-323  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 4, on page 2  marking: date code and type code, see page 2  ordering information (see page 2)  type code: see table below  weight: 0.006 grams (approximate) t c u d o r p w e n in in r 1 r 2 gnd schematic diagram out gnd out p/n r1, r2 (nom) type code ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua 2.2k  4.7k  10k  22k  47k  100k  n04 n08 n13 n17 n20 n24 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead.
ds30321 rev. 6 - 2 2 of 3 ddtc (r1 = r2 series) u www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) 0.5 1.1  v v cc = 5v, i o = 100  a v l(on)  1.9 3 v o = 0.3v, i o = 20ma, ddtc123eua v o = 0.3v, i o = 20ma, ddtc143eua v o = 0.3v, i o = 10ma, ddtc114eua v o = 0.3v, i o = 5ma, ddtc124eua v o = 0.3v, i o = 2ma, ddtc144eua v o = 0.3v, i o = 1ma, ddtc115eua output voltage v o(on)  0.1 0.3 v i o /i l =10ma/0.5ma, ddtc123eua i o /i l =10ma/0.5ma, ddtc143eua i o /i l =10ma/0.5ma, ddtc114eua i o /i l =10ma/0.5ma, ddtc124eua i o /i l =10ma/0.5ma, ddtc144eua i o /i l =5ma/0.25ma, ddtc115eua input current ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua i l  3.8 1.8 0.88 0.36 0.18 0.15 ma v i = 5v output current i o(off)  0.5  a v cc = 50v, v i = 0v dc current gain ddtc123eua ddtc143eua ddtc114eua ddtc124eua ddtc144eua ddtc115eua g l 20 20 30 56 68 82  v o = 5v, i o = 20ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor (r 1 ) tolerance r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = 10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example : ddtc115eua-7-f. ordering information device packaging shipping ddtc123eua-7 sot-323 3000/tape & reel ddtc143eua-7 sot-323 3000/tape & reel ddtc114eua-7 sot-323 3000/tape & reel ddtc124eua-7 sot-323 3000/tape & reel ddtc144eua-7 sot-323 3000/tape & reel ddtc115eua-7 sot-323 3000/tape & reel date code key month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw (note 3)
ds30321 rev. 6 - 2 3 of 3 ddtc (r1 = r2 series) u www.diodes.com -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d t c u d o r p w e n 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c 0 1 2 3 4 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 5 10 5 15 25 i=0ma e 10 1000 100 1 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e 75 c -25c 5 67 25c typical curves - ddtc143eua


▲Up To Search▲   

 
Price & Availability of DDTC144EUA-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X